Part Number Hot Search : 
BC548 1N4616D 501B2 ATMEGA32 020RL HT3001 SFH4590 74HC221D
Product Description
Full Text Search
 

To Download 280-003Z15P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mil-dtl 24308 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 printed in u.s.a. www.glenair.com cage code 06324 ? 2009 glenair, inc. e- mail: sales@glenair.com h-6 h 280-003 mil-dtl-24308/9 type hermetic glass-sealed d-subminiature receptacle application notes to be identifed with manufacturers name, part number and date 1. code, space permitting. contact style: eyelet or solder cup (see part number 2. development) material/finish: 3. shell: z1 = stainless steel/passivated. ft = cold rolled steel/fused tin plate. z16 = stainless steel/nickel plated, dull fnish insulators - glass bead/n.a. 4. contacts: pins, alloy 52/gold plated 5. metric dimensions (mm) are indicated in parentheses. 6. mil-dtl-24308/9 d-subminiature hermetic 280 - 003 z1 1 - p material z1 = passivated stainless steel ft = fused tin z16 = space grade nickel (dull) contact style p = solder cup x = eyelet shell size connector style 25 ty p eyelet s see note 2 insert arrangements shown are for reference only ?.120 thr u typ 2 p l h ?.039.001 r.093 typ r.062 typ .080 .070 .037 e g c a d .238 max .161 max b 10 ty p f
mil-dtl 24308 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 printed in u.s.a. www.glenair.com cage code 06324 ? 2009 glenair, inc. e- mail: sales@glenair.com h-7 h table i: connector dimensions shell size dim a .010 ( 0.3) dim b .004 ( 0.1) dim c .005 ( 0.1) dim d .010 ( 0.3) dim e .010 ( 0.3) dim f .010 ( 0.3) dim g .010 ( 0.3) dim h .015 ( 0.4) 1 1.208 (30.7) .667 (16.9) .984 (25.0) .366 (9.3) .498 (12.6) .725 (18.4) .369 (9.4) .334 (8.5) 2 1.545 (39.2) .993 (25.2) 1.312 (33.3) .366 (9.3) .498 (12.6) .932 (23.7) .369 (9.4) .334 (8.5) 3 2.093 (53.2) 1.535 (39.0) 1.852 (47.0) .384 (9.8) .498 (12.6) 1.497 (38.0) .369 (9.4) .334 (8.5) 4 2.733 (69.4) 2.183 (55.4) 2.500 (63.5) .384 (9.8) .498 (12.6) 2.125 (54.0) .369 (9.4) .334 (8.5) 5 2.640 (67.1) 2.079 (52.8) 2.406 (61.1) .490 (12.4) .610 (15.5) 2.000 (50.8) .500 (12.7) .334 (8.5) 5 4 3 2 1 37 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 36 35 35 34 34 33 33 32 31 30 29 28 27 26 25 25 24 24 23 23 22 22 21 21 20 20 19 19 18 18 18 17 17 17 16 16 16 15 15 15 15 14 14 14 14 13 13 13 13 12 12 12 12 11 11 11 11 10 10 10 10 9 9 9 9 9 8 8 8 8 8 7 7 7 7 7 6 6 6 6 6 5 5 5 5 5 4 4 4 4 4 3 3 3 3 3 2 2 2 2 2 1 1 1 1 1 50 contact s 37 contact s 25 contact s 15 contact s 9 contacts 280-003 mil-dtl-24308/9 type hermetic glass-sealed d-subminiature receptacle nasa screening levels and modification codes nasa screening level special screening only special screening plus outgassing processing 8 hour oven bake 400 f. thermal vacuum outgassing 24 hrs. 125 c. level 1 highest reliability mod 429b mod 429j mod 429c level 2 high reliability mod 429 mod 429k mod 429a level 3 standard reliability (use standard part number) mod 186 mod 186m hermetic leak rate mod codes designator required leak rate C585a 1 x 10 -10 ccs helium per second C585b 1 x 10 -9 ccs helium per second C585c 1 x 10 -8 ccs helium per second hermetic leak rate mod codes designator required leak rate a 1 x 10 -10 ccs helium per second b 1 x 10 -9 ccs helium per second c 1 x 10 -8 ccs helium per second C 585b mod code 585 C increased hermeticity mod code leak rate designator b C (see table below)


▲Up To Search▲   

 
Price & Availability of 280-003Z15P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X